PART |
Description |
Maker |
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3406LG LTS3406LG -LTS3406LG |
The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY ALUMINUM ELECTROLYTIC CAPACITOR; CAPACITANCE:10UF; CAPACITANCE TOLERANCE: /- 20
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LG LTS3403LG |
SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
|
???绉???′唤?????? 光宝科技股份有限公司 LITE-ON Electronics LITEON[Lite-On Technology Corporation]
|
LTS-3401LY LTS3401LY |
The LTS-3401LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
HDSP-G03Y HDSP-G01A HDSP-G01E HDSP-G01G HDSP-G01X |
Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display HDSP-G01A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LTS-2301AWC |
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
|
Lite-On Technology Corporat...
|
LTS-4301E |
0.4 inch (10.0mm) digit height single digit, seven-segment display
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
FYS-50011EX-10 |
5.00 Inch (126.50mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-18011EX-10 FYS-18011FX-21 |
1.80 Inch (45.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-15011BUW-X1 FYS-15011BX-01 FYS-15011BX-02 FYS- |
1.50 Inch (38.10mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-4011EX-10 FYS-4011FX-00 |
0.40 Inch (10.16mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
LSHD-F101 |
0.39 inch (10.0mm) digit height single-digit display
|
光宝科技股份有限公司 Lite-On Technology Corporation
|